PART |
Description |
Maker |
GLT44016 GLT44016-25J4 GLT44016-25TC GLT44016-28J4 |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers etc
|
LTC2055HVIDD LTC2055HMS8 |
Single/Dual Micropower Zero-Drift Operational Amplifiers; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 5 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual Micropower Zero-Drift Operational Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C DUAL OP-AMP, 3 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
2SC1815BL 2SC2003K 2SC1906Y 2SC1815Y |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 300MA I(C) | TO-92 晶体管|晶体管|叩| 80V的五(巴西)总裁| 300mA的一(c)|2 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 19伏特五(巴西)总裁| 50mA的一(c)|2
|
NEC, Corp.
|
LTC2055CMS8TRPBF LTC2055HVIDDTR |
Single/Dual Micropower Zero-Drift Operational Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 3 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual Micropower Zero-Drift Operational Amplifiers; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 5 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
LTC2051HV LTC2052HV |
+/-5V Dual Zero-Drift Operational Amplifier in MS8 +/-5V Quad Zero-Drift Operational Amplifier in GN16
|
Linear
|
2SC3502C 2SC3502E |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 200伏五(巴西)总裁| 100mA的一(c)|26
|
Sanyo Electric Co., Ltd.
|
2SC2885 2SC29461 2SC2946 2SC2946M 2SC29461M 2SC288 |
Silicon transistor SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 2A I(C) | TO-251AA SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 200伏五(巴西)总裁|甲一(c)|51AA NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING NPN硅外延晶体管高压高速开
|
Toshiba Semiconductor NEC[NEC] NEC Corp. NEC, Corp.
|
OLSG153 OLSYG116 OLSO153 |
Optoelectronic SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 光电
|
Silicon Laboratories, Inc.
|
MAX4470EWT MAX446411 MAX4470EUKT MAX4471EKAT MAX44 |
Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
http:// Maxim Integrated Products Maxim Integrated Produc...
|
0454-0010-01 0454-0015-01 0454-0100-01 0454-0007-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Logic IC 逻辑IC SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 逻辑IC
|
ITT, Corp. Pulse Engineering, Inc.
|
2SC780AGTM 2SC780ATM 2SC970 2SC372TM 2SA509GTM 2SC |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 30MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 100MA I(C) | TO-18 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 150MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 150MA I(C) | TO-92 晶体管|晶体管|进步党| 50V五(巴西)总裁| 150毫安一(c)|92 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors 晶体管|晶体管|叩| 50V五(巴西)总裁| 150毫安一(c)|2 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
Air Cost Control
|